PART |
Description |
Maker |
369AD-01 |
3.5 MM IPAK, STRAIGHT LEAD
|
ON Semiconductor
|
10074375-1101106TLF 10074375-1101100TLF 10074375-1 |
106 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER LEAD FREE 100 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER LEAD FREE 102 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER LEAD FREE 104 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER LEAD FREE 113 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER 39 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER 93 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER
|
Yageo, Corp.
|
LZ1550H-D64 LZ1534H-D64 LZ1530H-D64 |
100 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG LEAD FREE 68 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG LEAD FREE 60 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG LEAD FREE
|
Foxconn Technology Co., Ltd.
|
78036-2005 0780362005 |
Projector Lamp Receptacle Terminal, 0.90渭m (35.4渭") Tin (Sn) Plated, Straight Wing Type, Lead free Projector Lamp Receptacle Terminal, 0.90μm (35.4μ) Tin (Sn) Plated, Straight Wing Type, Lead free
|
Molex Electronics Ltd.
|
DP5Z4MW16PI3-12C |
4M X 16 FLASH 5V PROM, 120 ns, QMA48 STRAIGHT LEAD PACKAGE-48
|
Twilight Technology, Inc.
|
STB5NK50ZT4 STB5NK50Z-1 STP5NK50Z STP5NK50ZFP STD5 |
N-CHANNEL 500V - 1.22Ω - 4.4A TO-220/FP-D/IPAK-D2/I2PAK Zener-Protected SuperMESH?MOSFET N-CHANNEL 500V - 1.22惟 - 4.4A TO-220/FP-D/IPAK-D2/I2PAK Zener-Protected SuperMESH?⑼OSFET N-CHANNEL 500V - 1.22ヘ - 4.4A TO-220/FP-D/IPAK-D2/I2PAK Zener-Protected SuperMESH⑩MOSFET
|
STMicroelectronics
|
8614-00-35-1-YO-1-063-LF 8614-00-01-1-YO-10-063-LF |
35 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER LEAD FREE 1 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER LEAD FREE 23 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER LEAD FREE 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER LEAD FREE 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER LEAD FREE 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER LEAD FREE 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER LEAD FREE 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER LEAD FREE 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER LEAD FREE
|
TE Connectivity, Ltd. Panasonic, Corp. Electronic Theatre Controls, Inc. Vectron International, Inc. Hokuriku Electric Industry Co., Ltd. Golledge Electronics, Ltd. MtronPTI
|
PS-30PE-D4T2-SM1E |
30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER LEAD FREE
|
Japan Aviation Electronics Industry, Ltd.
|
1F110241-P04FSN-AF 1F110241-P04FST-AF |
24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT LEAD FREE
|
Foxconn Technology Co., Ltd.
|
STD2NC60 STD2NC60-1 STD2NC60T4 |
N-CHANNEL 600V 3.3 OHM 2A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V 3.3 OHM 2A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMesh?II MOSFET N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMeshII MOSFET N-CHANNEL 600V - 3.3ohm - 2A DPAK / IPAK PowerMesh⑩II MOSFET N-CHANNEL MOSFET
|
STMicroelectronics ST Microelectronics
|
|